Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10VP-5A0-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10VP-5A0-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10VP-5A0-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10VP-5A0-R Datasheet HTML 1Page - M-System Co.,Ltd. 10VP-5A0-R Datasheet HTML 2Page - M-System Co.,Ltd. 10VP-5A0-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10VP
http://www.m-system.co.jp/
10VP SPECIFICATIONS
ES-0821 Rev.16 Page 1/3
High-density Signal Conditioners 10-RACK
I/P TRANSDUCER
Functions & Features
• Converting a DC input into a proportional standard
pneumatic signal
• Semiconductor pressure sensor in the feedback circuit
• High resolution
• No mounting position effect
Typical Applications
• Converting a 4 – 20 mA from a PID controller into a
pneumatic signal
MODEL: 10VP-[1][2]0-R[3]
ORDERING INFORMATION
• Code number: 10VP-[1][2]0-R[3]
Specify a code from below for each [1] through [3].
(e.g. 10VP-260-R/A2S/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] PNEUMATIC CONNECTION
2: Rc 1/4"
5: Rc 1/8" fitting
7: 1/4" NPT fitting
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT 2
0: None
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Output 1
blank: 0.2 - 1.0kgfcm2
/A1S: 19.6 – 98.1 kPa
/A2S: 20 – 100 kPa
/A3S: 20.7 – 103.4 kPa
/A2: 0.2 – 1.0 bar
/A3: 3 – 15 psig
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Standard rack with air manifold
The 10VP must be installed in a 10-Rack series rack with air
manifold (the model 10BXAN is not available).
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear
Connection
Input: M3.5 screw terminals (torque 0.8 N·m) and card-
edge connector
Pneumatic: Rc 1/4", Rc 1/8" or 1/4" NPT female
(torque ≤ 12 N·m)
Power input: Supplied from card-edge connector
Material
Housing: Flame-resistant resin (black)
Base: Die cast aluminium
Screw terminals: Nickel-plated steel
Isolation: Input to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
■ Output:
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar


Similar Part No. - 10VP-5A0-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10VPN MSYSTEM-10VPN Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10VPN-2A10 MSYSTEM-10VPN-2A10 Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10VPN-2A10/Q MSYSTEM-10VPN-2A10/Q Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10VPN-2A150 MSYSTEM-10VPN-2A150 Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10VPN-2A150/Q MSYSTEM-10VPN-2A150/Q Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
More results

Similar Description - 10VP-5A0-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com