Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N10G-S08-R Datasheet(PDF) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # 12N10G-S08-R
Description  N-Channel MOSFET uses advanced trench technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

12N10G-S08-R Datasheet(HTML) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  12N10G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 12N10G-S08-R Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.doingter.cn
—
5 —
Fig 11. Transfer Characteristics
Fig 12. Drain Current v.s. Ambient
Temperature
0
5
10
15
20
01
234
56
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0
1
2
3
4
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
Fig 13. Normalized BV
DSS v.s. Junction
Fig 14. Total Power Dissipation
Temperature
Fig 15. Typ. Drain-Source on State
Resistance
0
0.8
1.6
2.4
3.2
0
50
100
150
T A , Ambient Temperature(
o C)
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
100
120
140
160
180
200
036
9
12
I D , Drain Current (A)
T j =25
o C
4.5V
V GS =10V
.
12N10G-S08-R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com