Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM2WBW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PVM2WBW
Description  6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVM2WBW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PVM2WBW Datasheet HTML 1Page - List of Unclassifed Manufacturers PVM2WBW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PVB, PVM PECL VCXO Series
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
20A
Pl tronics, Inc.
Mechanical:
not to scale
inches (mm)
Solder Pads
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
Mar 2004
1
Vcon
2
E/D
3
GND
4
Q OUT
5
QN OUT
6
Vcc
PIN
SIGNAL
1
Vcon
7
GND
8
OUT
14
Vcc
PIN
SIGNAL
See page 6 for Layout Guidelines
PVB Series
PVM Series
0.055
(1.4)
0.200 (5.08)
1
3
4
2
5
6
0 .145
(3.68)
0.560 (14.23) MAX
0.195 (4.95)
MAX
0.200 (5.08)
1
2
3
4
5
6
.807 (20.5) MAX
.200 (5.08) MAX
.600 (15.24)
1
7
14
8
.031 (0.8)
.250 (6.35) MAX
.020
(.51)
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com