Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N15L-TN3-R Datasheet(PDF) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # 20N15L-TN3-R
Description  N-Channel MOSFET uses advanced SGT technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

20N15L-TN3-R Datasheet(HTML) 5 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  20N15L-TN3-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 20N15L-TN3-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 20N15L-TN3-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 20N15L-TN3-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 20N15L-TN3-R Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.doingter.cn
—
—
5
Normalized On Resistance
Diode Forward Current
Tj - Junction Temperature (°C)
VSD - Source-Drain Voltage (V)
Capacitance
Gate Charge
VDS - Drain-Source Voltage (V)
QG - Gate Charge (nC)
0
20
40
60
80
100
120
0
250
500
750
1000
1250
1500
Frequency=1MHz
Crss
Coss
Ciss
0
3
6
9
12
15
18
0
2
4
6
8
10
V
DS
= 75V
I
D
= 10A
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
R
ON
@T
j
=25
oC: 53m
V
GS
= 10V
I
DS
= 10A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
50
15
T
j
=25
oC
T
j
=150
oC
20N15L-TN3-R
0086-0755-8278-9056



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com