Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10SP
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10SP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10SP Datasheet HTML 1Page - M-System Co.,Ltd. 10SP Datasheet HTML 2Page - M-System Co.,Ltd. 10SP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10SP
http://www.m-system.co.jp/
10SP SPECIFICATIONS
ES-0856 Rev.8 Page 2/3
INPUT SPECIFICATIONS
Excitation: 12 V DC @30 mA; shortcircuit protection
Frequency range: 0 – 50 Hz through 10 kHz
■ Dry Contact: Mechanical contact or open collector
Pulse width time requirement: 20 μsec. min. for ON and OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 6 V for OFF
■ Voltage Pulse: Square or sine waveforms
Pulse width time requirement: 20 μsec. min. for high and
low levels
Hi level: 2 – 50 V
Lo level: ≤ 1 V
Input impedance: 10 kΩ min.
INSTALLATION
Current consumption: Approx. 25 mA with voltage output 1
Approx. 45 mA with current output 1
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (output 10 – 100 %)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: (0 – 90%)
Approx. 1.8 sec. with 0 – 50 Hz
Approx. 0.7 sec. with 0 – 100 Hz
Approx. 0.5 sec. with 0 – 500 Hz
Approx. 0.5 sec. with 0 – 10 kHz
Ripple: 0.2 %p-p max. with input ≥ 10 %
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output 1 to output 2 to power)
1500 V AC @ 1 minute (input or output or power to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
130 (5.12)
3 (.12)
51 (2.01)
2–4.3 (.17) dia.
MTG HOLE
TERMINAL COVER
7–M3.5 SCREW
8 (.31)
25 (.98)
1
2
3
5
6
7
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com