Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SP-1A0-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 10SP-1A0-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10SP-1A0-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  10SP-1A0-R Datasheet HTML 1Page - M-System Co.,Ltd. 10SP-1A0-R Datasheet HTML 2Page - M-System Co.,Ltd. 10SP-1A0-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 10SP
http://www.m-system.co.jp/
10SP SPECIFICATIONS
ES-0856 Rev.8 Page 3/3
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Waveform
Shaper
Output
Driver
OUTPUT 1
7
8
12V Supply
+
–
INPUT
1
3
2
+
SENSOR EXCITATION
Smoother
* 4kΩ attached for dry contact input only.
**1 output type has the output 1 connected to the card-edge connector in parallel.
Remark 1) The section enclosed by broken line is only for 2nd output channel.
+
–
Isolation
Output
Driver
OUTPUT 2
5
6
OUTPUT 2**
POWER
S
Z
One-Shot
S
Z
*
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com