Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10SN
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10SN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10SN Datasheet HTML 1Page - M-System Co.,Ltd. 10SN Datasheet HTML 2Page - M-System Co.,Ltd. 10SN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10SN
http://www.m-system.co.jp/
10SN SPECIFICATIONS
ES-0819 Rev.6 Page 1/3
High-density Signal Conditioners 10-RACK
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Loop-powered design eliminates output loop power supply
• 500 V DC input-to-output isolation
• 350 Ω output drive with 4 – 20 mA
Typical Applications
• Isolation between control room and field instrumentation,
between telemetering system and input device
• Eliminates ground problems in existing systems thanks to
easiness of application without requiring additional power
wiring
MODEL: 10SN–[1][2]0[3]
ORDERING INFORMATION
• Code number: 10SN-[1][2]0[3]
Specify a code from below for each [1] through [3].
(e.g. 10SN-A60/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC
H: 10 – 50 mA DC
[2] OUTPUT 1
Current
A: 4 – 20 mA DC
Voltage
6: 1 – 5 V DC
OUTPUT 2
0: None
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment (front)
Voltage output: -5 to +5 %
Current output: -0.5 to +0.5 %
Span adjustment (front)
Voltage output: 95 to 105 %
Current output: 98.5 to 101.5 %
INPUT & OUTPUT
■ Input 4 – 20 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 250 Ω with 20 mA
input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: ≥ 50 kΩ
■ Input 10 – 50 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 100 Ω with 50 mA
input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: ≥ 50 kΩ
■ Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω plus load resistance with
20 mA input
Operational range: 3 – 22 mA DC


Similar Part No. - 10SN

ManufacturerPart #DatasheetDescription
logo
ABB
10SN2 ABB-10SN2 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results

Similar Description - 10SN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com