Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PR Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 10PR
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PR Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  10PR Datasheet HTML 1Page - M-System Co.,Ltd. 10PR Datasheet HTML 2Page - M-System Co.,Ltd. 10PR Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 10PR
http://www.m-system.co.jp/
10PR SPECIFICATIONS
ES-0860 Rev.9 Page 3/3
EXTERNAL VIEW
1
2
3
5
6
7
8
Sensitivity Adj.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
130 (5.12)
3 (.12)
51 (2.01)
2–4.3 (.17) dia.
MTG HOLE
TERMINAL COVER
7–M3.5 SCREW
8 (.31)
25 (.98)
1
2
3
5
6
7
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Pulse Volt.
Amplifier
Output
Driver
OUTPUT
7
8
+
–
INPUT
1
3
2
5
6
SENSITIVITY ADJ.
OUTPUT
POWER
Scaler
One-Shot
*
*Dry contact input only.
+7.5V
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com