Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10PP
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10PP Datasheet HTML 1Page - M-System Co.,Ltd. 10PP Datasheet HTML 2Page - M-System Co.,Ltd. 10PP Datasheet HTML 3Page - M-System Co.,Ltd. 10PP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 10PP
10PP SPECIFICATIONS
ES-0861 Rev.9 Page 2/4
http://www.m-system.co.jp/
Waveforms: Square or sine
Hi/Lo level: 2 – 50 V for high level; ≤1 V for low level
Input impedance: 10 kΩ min.
OUTPUT SPECIFICATIONS
■ Low Frequency Open Collector (Output 1)
50 V DC @ 100 mA (resistive load)
Maximum frequency: 30 Hz
Timer: Limits ON time within 75 ±25 msec. for wider than
75 msec. pulses
Saturation voltage: 0.5 V DC
■ High Frequency Open Collector (Output 1)
50 V DC @ 100 mA (resistive load)
Maximum frequency: 10 kHz
Saturation voltage: 0.5 V DC
■ Open Collector (Output 2)
40 V DC @ 100 mA (resistive load)
Maximum frequency: 10 kHz
Timer: Limits ON time within 75 ±25 msec. for wider than
75 msec. pulses (Timer is provided when output 1 is low
frequency open collector or photo MOSFET relay pulse.)
Saturation voltage: 0.5 V DC
■ Voltage Pulse
Maximum frequency: 10 kHz
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5V
Load resistance:
≥ 250 Ω for 5 V
≥ 600 Ω for 12 V
≥ 1200 Ω for 24 V
■ Photo MOSFET Relay Pulse
Maximum frequency: 30 Hz
Timer: Limits ON time within 75 ±25 msec. for wider than
75 msec. pulses
Rating: 132 V AC @ 200 mA (cos ø = 1)
30 V DC @ 200 mA (resistive load)
ON resistance: ≤ 2 Ω
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output 1 to output 2 to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com