Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PP-210-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 10PP-210-R
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PP-210-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  10PP-210-R Datasheet HTML 1Page - M-System Co.,Ltd. 10PP-210-R Datasheet HTML 2Page - M-System Co.,Ltd. 10PP-210-R Datasheet HTML 3Page - M-System Co.,Ltd. 10PP-210-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 10PP
10PP SPECIFICATIONS
ES-0861 Rev.9 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Waveform
Shaper
Output
Driver
OUTPUT 1
7
8
12 V Supply
+
–
INPUT
1
3
2
+
SENSOR EXCITATION
Timer
* Timer is provided for low frequency open collector or photo MOSFET relay pulse output.
** For 1 output channel type, OUTPUT 1 is also connected to the card-edge connector inside.
Note: The section enclosed by broken line is only for 2nd output channel.
+
–
Isolation
Output
Driver
OUTPUT 2
5
6
OUTPUT 2**
POWER
*
4kΩ
■ Mechanical Contact or Open Collector
Input Connection Examples
+12V
■ Voltage Pulse
+12V
■ Open Collector
Output Connection Examples
+
–
7
8
+
–
■ Voltage Pulse
+
–
7
8
+
–
■ Photo MOSFET Relay Pulse
• AC Powered
7
8
LOAD
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
• DC Powered
7
8
LOAD
Relay or
Counter Coil
Spark Quenching
Diode
+
–
PWR
+
+
–
–
PWR
+
–
1
2
+ 3
+
–
1
2
+ 3
+
–
U
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com