Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PR-10-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10PR-10-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PR-10-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10PR-10-R Datasheet HTML 1Page - M-System Co.,Ltd. 10PR-10-R Datasheet HTML 2Page - M-System Co.,Ltd. 10PR-10-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10PR
http://www.m-system.co.jp/
10PR SPECIFICATIONS
ES-0860 Rev.9 Page 2/3
ON/OFF level: ≤ 20 kΩ for ON, ≥ 100 kΩ for OFF
■ Voltage Pulse: Square or sine waveforms*
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Input amplitude: 25 mVp-p – 50 Vp-p
Minimum amplitude requirement
•With duty ratio 50 % ±10 %
(frequency: amplitude)
0 – 2 kHz: 25 mVp-p
0 – 20 kHz: 50 mVp-p
0 – 40 kHz: 1 Vp-p
0 – 100 kHz: 5 Vp-p
•With duty ratio other than 50 % ±10 %
(pulse width: amplitude)
5 μsec.: 5 Vp-p
10 μsec.: 3.5 Vp-p
50 μsec.: 2 Vp-p
100 μsec.: 1 Vp-p
500 μsec.: 0.5 Vp-p
Input impedance: 100 kΩ minimum
25mV – 50V
0V
25mV – 50V
0V
25mV p-p
– 50V p-p
0V
*Voltage pulse examples
OUTPUT SPECIFICATIONS
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 20 kHz
ON pulse width: Approx. 30 μsec.
Saturation voltage: 0.6 V DC
■ Relay Contact: 120 V AC @ 200 mA (cos ø = 1)
240 V AC @ 100 mA (cos ø = 1)
24 V DC @ 200 mA (resistive load)
Maximum switching voltage: 240 V AC or 30 V DC
Maximum switching power: 24 VA or 4.8 W
Minimum load: 5 V DC @ 10 mA
Frequency range: 0 – 2 Hz
ON pulse width: Approx. 30 msec.
Relay life: ≥ 5 × 107 cycles (mechanical)
≥ 105 cycles (electrical)
■ 5 V Pulse
Frequency range: 0 – 20 kHz
Low pulse width: Approx. 30 μsec.
High level: 5 V ±10 %
Low level: ≤ 0.5 V
Load resistance: 600 Ω minimum
■ 24 V Pulse
Frequency range: 0 – 20 Hz
High pulse width: Approx. 30 msec.
High level: 24 V ±10 %
Low level: ≤ 0.5 V
Load current: 30 mA max.
Load resistance: 800 Ω minimum
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com