Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PR-20-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10PR-20-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PR-20-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10PR-20-R Datasheet HTML 1Page - M-System Co.,Ltd. 10PR-20-R Datasheet HTML 2Page - M-System Co.,Ltd. 10PR-20-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10PR
http://www.m-system.co.jp/
10PR SPECIFICATIONS
ES-0860 Rev.9 Page 1/3
High-density Signal Conditioners 10-RACK
PULSE SCALER
Functions & Features
• Converting pulse rate into convenient engineering unit for
display on a totalizing counter or meter
Typical Applications
• Positive displacement flowmeters and turbine flowmeters
• Magnetic tachometers
MODEL: 10PR–[1][2]0–R[3]
ORDERING INFORMATION
• Code number: 10PR-[1][2]0-R[3]
Specify a code from below for each [1] through [3].
(e.g. 10PR-110-R/Q)
• Input frequency range (e.g. 0 – 356.7 Hz)
• Output frequency range (e.g. 0 – 1.00 Hz)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
1: Dry contact (max. 100 kHz)
2: Voltage pulse (max. 100 kHz)
[2] OUTPUT 1
1: Open collector (max. frequency 20 kHz)
2: 5 V pulse (max. frequency 20 kHz)
3: Relay contact (max. frequency 2 Hz)
4: 24 V pulse (max. frequency 20 Hz)
OUTPUT 2
0: None
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
1) This unit's output waveform is not uniform due to its
scaling method.
2) Use input relays which do not cause chattering (e.g.
mercury relays). Other relays could be used only with a CR
filter, for 10 Hz at maximum.
3) Use M-System’s Model M2PRU instead of this unit in
conjunction with the pulse output from M-System’s power
transducers.
Relay
R
C
PULSE
SCALER
C = 1 µF
R = 10k ohms
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Input pulse sensing: Capacitor coupled; detecting pulse rise
Sensitivity adjustment: Single-turn screwdriver adjustment
(front); 25 mVp-p – 5 Vp-p
Scaling factor: 0.9999 × 100 – 0.0001 × 10–6
INPUT SPECIFICATIONS
■ Dry Contact: Mechanical contact or open collector
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Sensing: Approx. 7.5 V DC @ 1 mA


Similar Part No. - 10PR-20-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10PR-210-R ETC1-10PR-210-R Datasheet
97Kb / 2P
HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
10PR-220-R ETC1-10PR-220-R Datasheet
97Kb / 2P
HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
10PR-230-R ETC1-10PR-230-R Datasheet
97Kb / 2P
HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
10PR-240-R ETC1-10PR-240-R Datasheet
97Kb / 2P
HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
More results

Similar Description - 10PR-20-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com