Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PP-320-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10PP-320-R
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PP-320-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10PP-320-R Datasheet HTML 1Page - M-System Co.,Ltd. 10PP-320-R Datasheet HTML 2Page - M-System Co.,Ltd. 10PP-320-R Datasheet HTML 3Page - M-System Co.,Ltd. 10PP-320-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 10PP
10PP SPECIFICATIONS
ES-0861 Rev.9 Page 1/4
http://www.m-system.co.jp/
High-density Signal Conditioners 10-RACK
PULSE ISOLATOR
Functions & Features
• Galvanically isolating pulse rate signals
• Input frequency = output frequency
• Various outputs (relay, open collector and voltage pulses)
• Optional second channel output available at the front
terminals and at the Standard Rack connector
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
MODEL: 10PP–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: 10PP-[1][2][3]-R[4]
Specify a code from below for each of [1] through [4].
(e.g. 10PP-332-R/Q)
• Frequency range (e.g. 0 – 1000 Hz)
• Specify the specification for option code /Q
(e.g. /C01)
Note: Output 1 and 2 frequency is equal.
[1] INPUT
1: Mechanical contact (max. 30 Hz)
2: Open collector (max. 10 kHz)
3: Voltage pulse (max. 10 kHz)
[2] OUTPUT 1
1: Low frequency open collector (max. 30 Hz)
2: High frequency open collector (max. 10 kHz)
3: 5 V pulse (max. 10 kHz)
4: 12 V pulse (max. 10 kHz)
5: 24 V pulse (max. 10 kHz)
8: Photo MOSFET relay pulse (max. 30 Hz)
[3] OUTPUT 2
0: None
2: Open collector (max. 10 kHz)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection: M3.5 screw terminals (torque 0.8 N·m) and
card-edge connector
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Frequency range: Input and output are the same.
Chattering protection: Filter provided for mechanical
contact input
INPUT SPECIFICATIONS
Excitation: 12V DC ±2 V @ 30 mA; shortcircuit protection
■ Open Collector
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for ON and OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 3.5 V for ON, ≥ 100 kΩ / 7 V for OFF
■ Mechanical Contact
Maximum frequency: 30 Hz
Pulse width time requirement: 10 msec. min. for ON and
OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 3.5 V for ON, ≥ 100 kΩ / 7 V for OFF
■ Voltage Pulse
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for high and
low levels


Similar Part No. - 10PP-320-R

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
10P-SAN JST-10P-SAN Datasheet
81Kb / 2P
SAN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
10P-SJN JST-10P-SJN Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
logo
VBsemi Electronics Co.,...
10P03L VBSEMI-10P03L Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
10P10GJ-HF VBSEMI-10P10GJ-HF Datasheet
1Mb / 7P
P-Channel 100 V (D-S) MOSFET
logo
Advanced Power Electron...
10P230 A-POWER-10P230 Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 10PP-320-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com