Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4UB10 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # D4UB10
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

D4UB10 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  D4UB10 Datasheet HTML 1Page - First Silicon Co., Ltd D4UB10 Datasheet HTML 2Page - First Silicon Co., Ltd D4UB10 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
D4UB05
D4UB10
D4UB20
D4UB40
D4UB60
D4UB80
D4UB100
Thermal
resistance
Between junction and
ambient, Without
heatsink
RθJ-A
℃
/W
55.0
Between junction
and case, With
heatsink
RθJ-C
1.5
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs) DELIVERY MODE
D4UB05- D4UB100
B1
Approximate 1.266
25
1500
6000
TUBE
■ Characteristics (Typical)
`
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
1.0
FIG1:Io-Tc Curve
160
sine wave R-load
with heatsink
40
80
120
2.0
3.0
4.0
5.0
6.0
heatsink
Tc-sensing point
Case Temperature (℃)
0
1
0
2
5
10
20
50
100
20
half sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8.3ms
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
Instantaneous Forward Voltage (V)
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
D4UB05 ~ D4UB100
2020. 07. 07
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com