Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4846 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4846
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4846 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4846 Datasheet HTML 9Page - National Semiconductor (TI) LM4846 Datasheet HTML 10Page - National Semiconductor (TI) LM4846 Datasheet HTML 11Page - National Semiconductor (TI) LM4846 Datasheet HTML 12Page - National Semiconductor (TI) LM4846 Datasheet HTML 13Page - National Semiconductor (TI) LM4846 Datasheet HTML 14Page - National Semiconductor (TI) LM4846 Datasheet HTML 15Page - National Semiconductor (TI) LM4846 Datasheet HTML 16Page - National Semiconductor (TI) LM4846 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information (Continued)
NATIONAL 3D ENHANCEMENT
The LM4846 features a stereo headphone, 3D audio en-
hancement effect that widens the perceived soundstage
from a stereo audio signal. The 3D audio enhancement
creates a perceived spatial effect optimized for stereo head-
phone listening. The LM4846 can be programmed for a
“narrow” or “wide” soundstage perception. The narrow
soundstage has a more focused approaching sound direc-
tion, while the wide soundstage has a spatial, theater-like
effect. Within each of these two modes, four discrete levels
of 3D effect that can be programmed: low, medium, high,
and maximum (Table 2), each level with an ever increasing
aural effect, respectively. The difference between each level
is 3dB.
The external capacitors, shown in Figure 6, are required to
enable the 3D effect. The value of the capacitors set the
cutoff frequency of the 3D effect, as shown by Equations 1
and 2. Note that the internal 20k
Ω resistor is nominal
(±25%).
f
3DL(-3dB) =1/2
π * 20kΩ *C
3DL
(1)
f
3DR(-3dB) =1/2
π * 20kΩ *C
3DR
(2)
Optional resistors R
3DL and R3DR can also be added (Figure
7) to affect the -3dB frequency and 3D magnitude.
f
3DL(-3dB) =1/2
π * (20kΩ +R
3DL)*C3DL
(3)
f
3DR(-3dB) =1/2
π * 20kΩ +R
3DR)*C3DR
(4)
∆AV (change in AC gain)=1/1+M, where M represents
some ratio of the nominal internal resistor, 20k
Ω (see ex-
ample below).
f
3dB (3D)=1/2
π (1 + M)(20kΩ *C
3D)
(5)
C
Equivalent (new) = C3D /1+M
(6)
TABLE 6. Pole Locations
R
3D (k
Ω)
(optional)
C
3D (nF)
M
∆AV (dB)
f-3dB (3D)
(Hz)
Value of C
3D
to keep same
pole location
(nF)
new Pole
Location
(Hz)
068
0
0
117
1
68
0.05
–0.4
111
64.8
117
5
68
0.25
–1.9
94
54.4
117
10
68
0.50
–3.5
78
45.3
117
20
68
1.00
–6.0
59
34.0
117
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 8
Ω LOAD
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by an 8
Ω load from 158.3mW to
156.4mW. The problem of decreased load dissipation is
exacerbated as load impedance decreases. Therefore, to
maintain the highest load dissipation and widest output volt-
age swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
20166895
FIGURE 6. External 3D Effect Capacitors
20166894
FIGURE 7. External RC Network with Optional R
3DL
and R
3DR Resistors
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com