Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4846TL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4846TL
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4846TL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4846TL Datasheet HTML 10Page - National Semiconductor (TI) LM4846TL Datasheet HTML 11Page - National Semiconductor (TI) LM4846TL Datasheet HTML 12Page - National Semiconductor (TI) LM4846TL Datasheet HTML 13Page - National Semiconductor (TI) LM4846TL Datasheet HTML 14Page - National Semiconductor (TI) LM4846TL Datasheet HTML 15Page - National Semiconductor (TI) LM4846TL Datasheet HTML 16Page - National Semiconductor (TI) LM4846TL Datasheet HTML 17Page - National Semiconductor (TI) LM4846TL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
BRIDGE CONFIGURATION EXPLANATION
The LM4846 drives a load, such as a speaker, connected
between outputs, MONO+ and MONO-.
This results in both amplifiers producing signals identical in
magnitude, but 180˚ out of phase. Taking advantage of this
phase difference, a load is placed between MONO- and
MONO+ and driven differentially (commonly referred to as
”bridge mode”). This results in a differential or BTL gain of:
A
VD = 2(Rf /Ri)=2
(7)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. Theoretically, this produces four times the
output power when compared to a single-ended amplifier
under the same conditions. This increase in attainable output
power assumes that the amplifier is not current limited and
that the output signal is not clipped.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
MONO- and MONO+ outputs at half-supply. This eliminates
the coupling capacitor that single supply, single-ended am-
plifiers require. Eliminating an output coupling capacitor in a
typical single-ended configuration forces a single-supply am-
plifier’s half-supply bias voltage across the load. This in-
creases internal IC power dissipation and may permanently
damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier.
A direct consequence of the increased power delivered to
the load by a bridge amplifier is higher internal power dissi-
pation. The LM4846 has a pair of bridged-tied amplifiers
driving a handsfree speaker, MONO. The maximum internal
power dissipation operating in the bridge mode is twice that
of a single-ended amplifier. From Equation (8), assuming a
5V power supply and an 8
Ω load, the maximum MONO
power dissipation is 634mW.
P
DMAX-SPKROUT = 4(VDD)
2 / (2
π2 R
L): Bridge Mode
(8)
The LM4846 also has a pair of single-ended amplifiers driv-
ing stereo headphones, R
OUT and LOUT. The maximum in-
ternal power dissipation for R
OUT and LOUT is given by
equation (9) and (10). From Equations (9) and (10), assum-
ing a 5V power supply and a 32
Ω load, the maximum power
dissipation for L
OUT and ROUT is 40mW, or 80mW total.
P
DMAX-LOUT =(VDD)
2 /(2
π2 R
L): Single-ended Mode (9)
P
DMAX-ROUT =(VDD)
2 /(2
π2 R
L): Single-ended Mode(10)
The maximum internal power dissipation of the LM4846
occurs when all 3 amplifiers pairs are simultaneously on; and
is given by Equation (11).
P
DMAX-TOTAL =
P
DMAX-SPKROUT +PDMAX-LOUT +PDMAX-ROUT
(11)
The maximum power dissipation point given by Equation
(11) must not exceed the power dissipation given by Equa-
tion (12):
P
DMAX =(TJMAX -TA)/
θ
JA
(12)
The LM4846’s T
JMAX = 150˚C. In the ITL package, the
LM4846’s
θ
JA is 65˚C/W. At any given ambient temperature
T
A, use Equation (12) to find the maximum internal power
dissipation supported by the IC packaging. Rearranging
Equation (12) and substituting P
DMAX-TOTAL for PDMAX’ re-
sults in Equation (13). This equation gives the maximum
ambient temperature that still allows maximum stereo power
dissipation without violating the LM4846’s maximum junction
temperature.
T
A =TJMAX -PDMAX-TOTAL
θ
JA
(13)
For a typical application with a 5V power supply and an 8
Ω
load, the maximum ambient temperature that allows maxi-
mum stereo power dissipation without exceeding the maxi-
mum junction temperature is approximately 104˚C for the
ITL package.
T
JMAX =PDMAX-TOTAL
θ
JA +TA
(14)
Equation (14) gives the maximum junction temperature T
J-
MAX
. If the result violates the LM4846’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is a surface
mount part operating around the maximum power dissipation
point. Since internal power dissipation is a function of output
power, higher ambient temperatures are allowed as output
power or duty cycle decreases. If the result of Equation (11)
is greater than that of Equation (12), then decrease the
supply voltage, increase the load impedance, or reduce the
ambient temperature. If these measures are insufficient, a
heat sink can be added to reduce
θ
JA. The heat sink can be
created using additional copper area around the package,
with connections to the ground pin(s), supply pin and ampli-
fier output pins. External, solder attached SMT heatsinks
such as the Thermalloy 7106D can also improve power
dissipation. When adding a heat sink, the
θ
JA is the sum of
θ
JC,
θ
CS, and
θ
SA.(
θ
JC is the junction-to-case thermal im-
pedance,
θ
CS is the case-to-sink thermal impedance, and
θ
SA is the sink-to-ambient thermal impedance). Refer to the
Typical Performance Characteristics curves for power dissi-
pation information at lower output power levels.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 1µF in parallel with a 0.1µF filter capacitors to stabilize
the regulator’s output, reduce noise on the supply line, and
improve the supply’s transient response. However, their
presence does not eliminate the need for a local 1.1µF
tantalum bypass capacitance connected between the
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com