Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031A Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C031A
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031A Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C031A Datasheet HTML 9Page - Advanced Micro Devices AM79C031A Datasheet HTML 10Page - Advanced Micro Devices AM79C031A Datasheet HTML 11Page - Advanced Micro Devices AM79C031A Datasheet HTML 12Page - Advanced Micro Devices AM79C031A Datasheet HTML 13Page - Advanced Micro Devices AM79C031A Datasheet HTML 14Page - Advanced Micro Devices AM79C031A Datasheet HTML 15Page - Advanced Micro Devices AM79C031A Datasheet HTML 16Page - Advanced Micro Devices AM79C031A Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SLAC Products
13
Variation of Gain with Input Level
The gain deviation relative to the gain at –10 dBm0 is within the limits shown if Figure 3 for either transmission path
when the input is a sine wave signal of frequency 1014 Hz.
Total Distortion, Including Quantizing Distortion
The signal-to-total distortion exceeds the limits shown in Figure 4 for either transmission path when the input is a
sine wave signal of frequency 1014 Hz.
0.5
0.25
0
–0.25
–0.5
–1.6
–55 –50
–40
–10
+3
1.6
Input
Level
(dBm0)
0
DSLAC Device
Specification
Figure 3.
Gain Tracking with Tone Input*
Gain (dB)
09875H-007
Note:
*Relax specification by 0.05 dB at –40°C.
Input Level (dBm0)
30
35.5
–30
–40
–45
DSLAC Device
Specification
25
35.5
Figure 4.
Total Distortion with Tone Input (Both Paths)
Signal-to-Total
Distortion (dB)
0
09875H-008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com