Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02AJC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C02AJC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02AJC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C02AJC Datasheet HTML 1Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 2Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 3Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 4Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 5Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 6Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 7Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 8Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Publication# 09875 Rev: J
Amendment: /0
Issue Date: December 1999
Am79C02/03/031(A)
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
DISTINCTIVE CHARACTERISTICS
s Software programmable:
— SLIC impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization
— Digital I/O pins
— Time Slot Assigner
— PCM transmit clock edge options
s Adaptive transhybrid balance filter
(A suffix only)
s A-law or µ-law coding
s Dual PCM ports
— Up to 8.192 MHz each (128 channels per port)
s 2.048 MHz or 4.096 MHz master clock
s Direct transformer drive
s Built-in test modes
s Low power CMOS
s Mixed mode (analog and digital) impedance
scaling
s Performance characteristics guaranteed over
12 dB gain range
GENERAL DESCRIPTION
The Am79C02/03/031(A) Dual Subscriber Line Audio
Processing Circuit (DSLAC device) integrates the key
functions of an analog linecard into a single high-per-
formance, programmable dual codec/filter device. The
DSLAC device is based on the proven design of the
reliable Am7901A Subscriber Line Audio Processing
Circuit (SLACdevice). The advanced architecture of
the DSLAC device implements two independent chan-
nels and employs digital filters to allow software control
of transmission, thus providing a cost effective solution
for the analog to PCM function of a linecard.
The Am79C02/03/031(A) DSLAC device’s advanced
CMOS technology makes this an economical device
that has both the functionality and the low power con-
sumption needed in linecard designs to maximize line-
card density at minimum cost. When used with two AMD
SLICs, the DSLAC device provides software config-
urable solutions to the BORSCHT function.


Similar Part No. - AM79C02AJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79C031 ETC1-AM79C031 Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
AM79C031JC ETC1-AM79C031JC Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
More results

Similar Description - AM79C02AJC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com