Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2E5 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC2E5
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E5 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC2E5 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision December 8, 2020
1 / 4
@SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E5 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
SC2E5-XXXDL
SC2E5-XXXD
The high voltage (1.0-3.5KV) gas discharge tubes are designed for
surge protection and high isolation applications, and for
applications for which bias voltages or signal levels of several
hundred volts are normally present.
Non-Radioactive
RoHS compliant
Low insertion loss
Excellent response to fast rising transients
Ultra low capacitance
2.5KA surge capability tested with 8/20μs pulse as defined by
IEC 61000-4-5
CRT terminals
CATV equipment
Antennas
Power supplies
Medical electronics
Materials
Nickel-plated with Tinplated wires
Product Marking
SOCAY XXXXD
XXXX
-Nominal voltage
D
-2.5KA
Glow to Arc
Transition Current
< 0.5Amps
Glow Voltage
~180 Volts
Storage and
Operational
Temperature
-40 to +90°C
Weight
SC2E5-XXXXDL
~1.0g
SC2E5-XXXXD
~0.85g
Climatic category
(IEC 60068-1)
40/ 90/ 21
Features
Schematic Symbol
Applications
Product Characteristics
Description


Similar Part No. - SC2E5

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC2E5 SOCAY-SC2E5 Datasheet
1Mb / 4P
2-Electrode Gas Discharge Tube (GDT)
SC2E5-150L SOCAY-SC2E5-150L Datasheet
1Mb / 4P
2-Electrode Gas Discharge Tube (GDT)
SC2E5-150LL SOCAY-SC2E5-150LL Datasheet
1Mb / 4P
2-Electrode Gas Discharge Tube (GDT)
SC2E5-150LSMD SOCAY-SC2E5-150LSMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-200LSMD SOCAY-SC2E5-200LSMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results

Similar Description - SC2E5

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000L SOCAY-UN2E8-1000L Datasheet
418Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-6000LL SOCAY-UN2E8-6000LL Datasheet
418Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2H8 SOCAY-SC2H8 Datasheet
2Mb / 5P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com