Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1858905 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1858905
Description  Printed-circuit board connector - GIC 2,5/ 5-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1858905 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1858905 Datasheet HTML 1Page - PHOENIX CONTACT 1858905 Datasheet HTML 2Page - PHOENIX CONTACT 1858905 Datasheet HTML 3Page - PHOENIX CONTACT 1858905 Datasheet HTML 4Page - PHOENIX CONTACT 1858905 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1858905
10/30/2014   Page 1 / 5
Printed-circuit board connector - GIC 2,5/ 5-STF-7,62 - 1858905
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number of positions: 5, Pitch: 7.62 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
Product Features
 Plug-in direction parallel to the conductor axis
 Plug for shock-proof 630 V applications (III/2)
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
11.4 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
7.62 mm
Dimension a
30.48 mm
General
Range of articles
GIC 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
400 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V


Similar Part No. - 1858905

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185891 FESTO-185891 Datasheet
78Kb / 1P
One-way flow control valve
logo
PHOENIX CONTACT
1858918 PHOENIX-1858918 Datasheet
146Kb / 4P
GIC 2,5/ 6-GF-7,62
1858921 PHOENIX-1858921 Datasheet
77Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STF-7,62
1858934 PHOENIX-1858934 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-STF-7,62
1858947 PHOENIX-1858947 Datasheet
419Kb / 10P
GIC 2,5/ 9-STF-7,62 - PCB connector
More results

Similar Description - 1858905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828825 PHOENIX-1828825 Datasheet
99Kb / 7P
Printed-circuit board connector - GIC 2,5/ 4-ST-7,62
1828906 PHOENIX-1828906 Datasheet
76Kb / 5P
Printed-circuit board connector - GIC 2,5/12-ST-7,62
1858976 PHOENIX-1858976 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/12-STF-7,62
1858934 PHOENIX-1858934 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-STF-7,62
1849927 PHOENIX-1849927 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 6-STGF-7,62
1858921 PHOENIX-1858921 Datasheet
77Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STF-7,62
1847916 PHOENIX-1847916 Datasheet
114Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 5-STF-7,62
1849901 PHOENIX-1849901 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 4-STGF-7,62
1858879 PHOENIX-1858879 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 2-STF-7,62
1938919 PHOENIX-1938919 Datasheet
59Kb / 4P
Printed-circuit board connector - GIC 2,5/ 3-STF-7,62 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com