Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  GIC 2,5/ 6-GF-7,62
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GIC 2,5/ 6-GF-7,62
Order No.: 1859027
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1859027
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number
of positions: 6, Pitch: 7.62 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
106089
sales group
E132
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 279 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19 mm
Pitch
7.62 mm
Dimension a
38.1 mm
Number of positions
6


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1859069 PHOENIX-1859069 Datasheet
79Kb / 5P
Base strip - GIC 2,5/10-GF-7,62
1859085 PHOENIX-1859085 Datasheet
79Kb / 5P
Base strip - GIC 2,5/12-GF-7,62
1829196 PHOENIX-1829196 Datasheet
154Kb / 5P
GMSTBV 2,5/ 6-GF-7,62
1859001 PHOENIX-1859001 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 4-GF-7,62
1859043 PHOENIX-1859043 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 8-GF-7,62
1859056 PHOENIX-1859056 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 9-GF-7,62
1892440 PHOENIX-1892440 Datasheet
96Kb / 2P
GMSTB 2,5/ 6-GF-7,62 AU
1938922 PHOENIX-1938922 Datasheet
57Kb / 4P
Printed-circuit board connector - GIC 2,5/ 3-GF-7,62 BK
1902631 PHOENIX-1902631 Datasheet
86Kb / 3P
Printed-circuit board connector - GIC 2,5/ 6-GF-7,62 AU
11/05/2018
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com