Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2H8-6000LL Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC2H8-6000LL
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2H8-6000LL Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC2H8-6000LL Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2H8-6000LL Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2H8-6000LL Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2H8-6000LL Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC2H8-6000LL Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision June 20, 2019
2 / 5
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E8 / SC2H8 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Axial Leaded Devices (SC2E8-XXXLL)
Axial Leaded Devices (SC2H8-XXXLL)
Without wire Devices (SC2E8-XXXL)
Without wire Devices (SC2H8-XXXL)
Part Number
Marking
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
Arc
Voltage
Service Life
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
@100V/S
@100V/
μs @1KV/μs
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
SC2E8-1000LL
SC2E8-1000L
SOCAY
1000L
1000V
±20%
<1500V
<1600V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-1400LL
SC2E8-1400L
SOCAY
1400L
1400V
±20%
<2100V
<2200V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-1600LL
SC2E8-1600L
SOCAY
1600L
1600V
±20%
<2200V
<2400V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-2000LL
SC2E8-2000L
SOCAY
2000L
2000V
±20%
<3000V
<3500V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-2500LL
SC2E8-2500L
SOCAY
2500L
2500V
±20%
<3800V
<4000V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-2700LL
SC2E8-2700L
SOCAY
2700L
2700V
±20%
<3800V
<4000V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-3000LL
SC2E8-3000L
SOCAY
3000L
3000V
±20%
<4300V
<4500V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2E8-3500LL
SC2E8-3500L
SOCAY
3500L
3500V
±20%
<4800V
<5000V
1G
Ω
(at 100V)
<1.5pF
~25V
5KA
10KA
SC2H8-4000LL
SC2H8-4000L
SOCAY
4000L
4000V
±20%
<5400V
<5600V
1G
Ω
(at 100V)
<1.0pF
~25V
5KA
10KA
SC2H8-4500LL
SC2H8-4500L
SOCAY
4500L
4500V
±20%
<5800V
<6000V
1G
Ω
(at 100V)
<1.0pF
~25V
5KA
10KA
SC2H8-5000LL
SC2H8-5000L
SOCAY
5000L
5000V
±20%
<6000V
<6500V
1G
Ω
(at 100V)
<1.0pF
~25V
5KA
10KA
SC2H8-5500LL
SC2H8-5500L
SOCAY
5500L
5500V
±20%
<6500V
<7000V
1G
Ω
(at 100V)
<1.0pF
~25V
5KA
10KA
SC2H8-6000LL
SC2H8-6000L
SOCAY
6000L
6000V
±20%
<7500V
<8000V
1G
Ω
(at 100V)
<1.0pF
~25V
5KA
10KA
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Dimensions
(Unit: mm)
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com