Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9988 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9988 Datasheet HTML 17Page - Analog Devices AD9988 Datasheet HTML 18Page - Analog Devices AD9988 Datasheet HTML 19Page - Analog Devices AD9988 Datasheet HTML 20Page - Analog Devices AD9988 Datasheet HTML 21Page - Analog Devices AD9988 Datasheet HTML 22Page - Analog Devices AD9988 Datasheet HTML 23Page - Analog Devices AD9988 Datasheet HTML 24Page - Analog Devices AD9988 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
AD9988
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 21 of 40
Figure 5. Pin Configuration
Table 21. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
Power Supplies
A2, E2, H2, L2, P2, V2
AVDD2
Input
Analog 2.0 V Supply Inputs for DAC.
L3
AVDD2_PLL
Input
Analog 2.0 V Supply Input for Clock PLL Low Dropout (LDO)
Regulator.
D7, E7, P7, R7
BVDD2
Input
Analog 2.0 V Supply Inputs for ADC Buffer.
B11, U11
RVDD2
Input
Analog 2.0 V Supply Inputs for ADC Reference.
J5
PLLCLKVDD1
Input
Analog 1.0 V Supply Input for Clock PLL.
D2, D3, D4, E3, F3, N3, P3, R2, R3, R4
AVDD1
Input
Analog 1.0 V Supply Inputs for DAC Clock.
G7, G8, M7, M8
AVDD1_ADC
Input
Analog 1.0 V Supply Inputs for ADC.
G6, M6
CLKVDD1
Input
Analog 1.0 V Supply Inputs for ADC Clock.
D6, R6
FVDD1
Input
Analog 1.0 V Supply Inputs for ADC Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com