Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH7013B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CH7013B
Description  Digital PC to TV Encoder
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH7013B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CH7013B Datasheet HTML 3Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 4Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7013B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
201-0000-069
Rev. 1.2, 9/1/2004
7
CHRONTEL
CH7013B
In this mode, the S[7-0] byte contains the following data:
S[6]
=
F
=
1 during field 2, 0 during field 1
S[5]
=
V
=
1 during field blanking, 0 elsewhere
S[4]
=
H
=
1 during EAV (the synchronization reference at the end of active video)
0 during SAV (the synchronization reference at the start of active video)
Bits S[7] and S[3:0] are ignored.
4.2 Multiplexed Mode
Each rising edge (or each rising and falling edge) of the XCLK signal will latch data from the graphics chip. The
multiplexed input data formats are shown in Figure 4 and 5. The Pixel Data bus represents an 8, 12, or 16-bit
multiplexed data stream, which contains either RGB or YCrCb formatted data. In IDF settings of 2, 4, 5, 7, 8, and 9,
the input data rate is 2X PCLK, and each pair of Pn values (e.g., P0a and P0b) will contain a complete pixel,
encoded as shown in the tables below. When IDF = 6, the input data rate is 3X PCLK, and each triplet of Pn values
(e.g., P0a, P0b and P0c) will contain a complete pixel, encoded as shown in the tables below. When the input is
YCrCb, the color-difference data will be transmitted at half the data rate of the luminance data, with the sequence
being set as Cb, Y, Cr, Y where Cb0,Y0,Cr0 refers to co-sited luminance and color-difference samples — and the
following Y1 byte refers to the next luminance sample, per CCIR656 standards. However, the clock frequency is
dependent upon the current mode, (not 27MHz, as specified in CCIR656).
Table 4. YCrCb Non-multiplexed Mode with Embedded Syncs
IDF#
Format
1
YCrCb 16-bit
Pixel#
P0
P1
P2
P3
P4
P5
P6
P7
Bus Data
D[15]
0
S[7]
Y0[7]
Y1[7]
Y2[7]
Y3[7]
Y4[7]
Y5[7]
D[14]
0
S[6]
Y0[6]
Y1[6]
Y2[6]
Y3[6]
Y4[6]
Y5[6]
D[13]
0
S[5]
Y0[5]
Y1[5]
Y2[5]
Y3[5]
Y4[5]
Y5[5]
D[12]
0
S[4]
Y0[4]
Y1[4]
Y2[4]
Y3[4]
Y4[4]
Y5[4]
D[11]
0
S[3]
Y0[3]
Y1[3]
Y2[3]
Y3[3]
Y4[3]
Y5[3]
D[10]
0
S[2]
Y0[2]
Y1[2]
Y2[2]
Y3[2]
Y4[2]
Y5[2]
D[9]
0
S[1]
Y0[1]
Y1[1]
Y2[1]
Y3[1]
Y4[1]
Y5[1]
D[8]
0
S[0]
Y0[0]
Y1[0]
Y2[0]
Y3[0]
Y4[0]
Y5[0]
D[7]
1
0
Cb0[7]
Cr0[7]
Cb2[7]
Cr2[7]
Cb4[7]
Cr4[7]
D[6]
1
0
Cb0[6]
Cr0[6]
Cb2[6]
Cr2[6]
Cb4[6]
Cr4[6]
D[5]
1
0
Cb0[5]
Cr0[5]
Cb2[5]
Cr2[5]
Cb4[5]
Cr4[5]
D[4]
1
0
Cb0[4]
Cr0[4]
Cb2[4]
Cr2[4]
Cb4[4]
Cr4[4]
D[3]
1
0
Cb0[3]
Cr0[3]
Cb2[3]
Cr2[3]
Cb4[3]
Cr4[3]
D[2]
1
0
Cb0[2]
Cr0[2]
Cb2[2]
Cr2[2]
Cb4[2]
Cr4[2]
D[1]
1
0
Cb0[1]
Cr0[1]
Cb2[1]
Cr2[1]
Cb4[1]
Cr4[1]
D[0]
1
0
Cb0[0]
Cr0[0]
Cb2[0]
Cr2[0]
Cb4[0]
Cr4[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com