Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM10054T-R68M-HZ Datasheet(PDF) 1 Page - TDK Electronics

Part # SPM10054T-R68M-HZ
Description  SMD / SMT Inductors (Coils)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM10054T-R68M-HZ Datasheet(HTML) 1 Page - TDK Electronics

  SPM10054T-R68M-HZ Datasheet HTML 1Page - TDK Electronics SPM10054T-R68M-HZ Datasheet HTML 2Page - TDK Electronics SPM10054T-R68M-HZ Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD / SMT Inductors (Coils)
1 of 3
Creation Date : March 24, 2021 (GMT)
SPM10054T-R68M-HZ
RoHS Reach Halogen Free Pb Free
Applications
Automotive Grade
Feature
AEC-Q200
AEC-Q200
Wire Wound
Wire Wound
Shield
Magnetic Shield
Metal Core
Metal Core
Series | Type
SPM
Status
Production
Brand
TDK
Size
Length(L)
10.70mm ±0.50mm
Width(W)
10.00mm ±0.40mm
Thickness | Height
5.40mm Max.
Recommended Land Pattern (A)
3.80mm Nom.
Recommended Land Pattern (B)
6.10mm Nom.
Recommended Land Pattern (C)
4.80mm Nom.
Electrical Characteristics
Inductance
680nH ±20% at 100kHz
Rated Current (L Change) [Typ.]
29A (20% Down)
Rated Current (L Change) [Max.]
Rated Current (Temperature Rise) [Typ.]
32A (40°C Rise)
Rated Current (Temperature Rise) [Max.]
DC Resistance [Typ.]
1.9mΩ
DC Resistance [Max.]
2.09mΩ
Self Resonant Frequency [Min.]
Self Resonant Frequency [Typ.]
Q [Min.]
Q [Typ.]
Other
Operating Temp. Range (Including Self-Temp. Rise)
-40 to 125°C
Soldering Method
Reflow
Iron Soldering
AEC-Q200
YES
Packing
Embossed (Plastic)Taping [330mm Reel, Tape width 24mm]
Package Quantity
500pcs
Weight
2.99g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - SPM10054T-R68M-HZ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054T-R68M-HZR TDK-SPM10054T-R68M-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
More results

Similar Description - SPM10054T-R68M-HZ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6550T-6R8M-HZ TDK-SPM6550T-6R8M-HZ Datasheet
293Kb / 3P
SMD / SMT Inductors (Coils)
SPM6550T-220M-HZ TDK-SPM6550T-220M-HZ Datasheet
295Kb / 3P
SMD / SMT Inductors (Coils)
SPM6545VT-680M-D TDK-SPM6545VT-680M-D Datasheet
227Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-6R8M-HZ TDK-SPM6530T-6R8M-HZ Datasheet
287Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-100M-HZ TDK-SPM6530T-100M-HZ Datasheet
308Kb / 3P
SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-3R3M-HZ TDK-SPM6530T-3R3M-HZ Datasheet
306Kb / 3P
SMD / SMT Inductors (Coils)
SPM5030VT-R15M-D TDK-SPM5030VT-R15M-D Datasheet
227Kb / 3P
SMD / SMT Inductors (Coils)
B82472D6473M000 TDK-B82472D6473M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
HPL505032F1070MRD3P TDK-HPL505032F1070MRD3P Datasheet
239Kb / 3P
SMD / SMT Inductors (Coils)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com