Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS164446BMLZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS164446BMLZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS164446BMLZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS164446BMLZ Datasheet HTML 15Page - Analog Devices ADIS164446BMLZ Datasheet HTML 16Page - Analog Devices ADIS164446BMLZ Datasheet HTML 17Page - Analog Devices ADIS164446BMLZ Datasheet HTML 18Page - Analog Devices ADIS164446BMLZ Datasheet HTML 19Page - Analog Devices ADIS164446BMLZ Datasheet HTML 20Page - Analog Devices ADIS164446BMLZ Datasheet HTML 21Page - Analog Devices ADIS164446BMLZ Datasheet HTML 22Page - Analog Devices ADIS164446BMLZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 20 of 23
ALARMS
Alarm 1 and Alarm 2 provide two independent alarms with
programmable levels, polarity, and data sources.
STATIC ALARM USE
The static alarms setting compares the data source selection
(ALM_CTRL, Bits[15:8]) with the values in the ALM_MAGx
registers listed in Table 36 and Table 37, using ALM_MAGx,
Bits 15, to determine the trigger polarity. The data format in
these registers matches the format of the data selection in
ALM_CTRL, Bits[15:8]. See Table 41, Alarm 1, for a static
alarm configuration example.
Table 36. ALM_MAG1 (Base Address = 0x40), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Threshold setting, matches the format of the
ALM_CTRL, Bits[11:8] output register selection
Table 37. ALM_MAG2 (Base Address = 0x42), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Threshold setting, matches the format of the
ALM_CTRL, Bits[15:12] output register selection
DYNAMIC ALARM USE
The dynamic alarm setting monitors the data selection for a
rate of change comparison. The rate of change comparison is
represented by the magnitude in the ALM_MAGx registers
over the time represented by the number of samples setting in
the ALM_SMPLx registers (see Table 38 and Table 39). See
Table 41, Alarm 2, for a dynamic alarm configuration example.
Table 38. ALM_SMPL1 (Base Address = 0x44), Read/Write
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Binary, number of samples (both 0x00 and 0x01 = 1)
Table 39. ALM_SMPL2 (Base Address = 0x46), Read/Write
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Binary, number of samples (both 0x00 and 0x01 = 1)
ALARM REPORTING
Bits[9:8] of DIAG_STAT provide error flags that indicate an
alarm condition. Bits[2:0] of ALM_CTRL provide controls for a
hardware indicator using DIO1 or DIO2.
Table 40. ALM_CTRL (Base Address = 0x48), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Alarm 2 data source selection
0000 = disable
0001 = XGYRO_OUT
0010 = YGYRO_OUT
0011 = ZGYRO_OUT
0100 = XACCL_OUT
0101 = YACCL_OUT
0110 = ZACCL_OUT
0111 = unused
1001 = unused
1010 = unused
1011 = unused
1100 = TEMP_OUT
[11:8]
Alarm 1 data source selection (same as Alarm 2)
7
Alarm 2, dynamic or static (1 = dynamic, 0 = static)
6
Alarm 1, dynamic or static (1 = dynamic, 0 = static)
5
Alarm 2, polarity (1 = greater than ALM_MAG2)
4
Alarm 1, polarity (1 = greater than ALM_MAG1)
3
Data source filtering (1 = filtered, 0 = unfiltered)
2
Alarm indicator (1 = enabled, 0 = disabled)
1
Alarm indicator active polarity (1 = high, 0 = low)
0
Alarm output line select (1 = DIO2, 0 = DIO1)
Alarm Example
Table 41 offers an example that configures Alarm 1 to trigger
when filtered ZACCL_OUT data drops below 0.7 g and Alarm 2
to trigger when filtered ZGYRO_OUT data changes by more
than 50°/sec over a 100 ms period, or 500°/sec2. The filter
setting helps reduce false triggers from noise and refines the
accuracy of the trigger points. The ALM_SMPL2 setting of
82 samples provides a comparison period that is approximately
equal to 100 ms for an internal sample rate of 819.2 SPS.
Table 41. Alarm Configuration Example
DIN
Description
0xC936, 0xC8AF
ALM_CTRL = 0x36AF
Alarm 2: dynamic, Δ-ZGYRO_OUT (Δ-time,
ALM_SMPL2) > ALM_MAG2
Alarm 1: static, ZACCL_OUT < ALM_MAG1,
filtered data DIO2 output indicator, positive
polarity
0xC313, 0xC288
ALM_MAG2 = 0x04E2 = 1,250 LSB = 50°/sec
0xC10A, 0xC0F0
ALM_MAG1 = 0x0348 = 840 LSB = +0.7 g
0xC652
ALM_SMPL2, Bits[7:0] = 0x52 = 82 samples,
82 samples ÷ 819.2 SPS = ~100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com