Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP2002LP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # HDSP2002LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2002LP Datasheet(HTML) 2 Page - Infineon Technologies AG

  HDSP2002LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
2
April 4, 2000-11
DESCRIPTION (continued)
The TTL compatible VB input may either be tied to VCC for max-
imum display intensity or pulse width modulated to achieve
intensity control and reduce power consumption.
In the normal mode of operation, input data for digit four, column
one is loaded into the seven on-board shift register locations one
through seven. Column one data for digits 3, 2, and 1 is shifted
into the display shift register locations. Then column one input is
enabled for an appropriate period of time, T. A similar process is
repeated for columns 2, 3, 4, and 5. If the decode time and load
data time into the shift register is t, then with five columns, each
column of the display is operating at a duty factor of:
T+t, allotted to each display column, is generally chosen to
provide the maximum duty factor consistent with the mini-
mum refresh rate necessary to achieve a flicker free display.
For most strobed display systems, each column of the display
should be refreshed (turned on) at a minimum rate of 100
times per second.
With columns to be addressed, this refresh rate then gives a value
for the time T+t of: 1⁄ [5 x (100)] =2.0 msec. If the device is oper-
ated at 5.0 MHz clock rate maximum, it is possible to maintain t
<T.
For short display strings, the duty factor will then approach 20%.
Maximum Ratings
Supply Voltage VCC to GND .............................. –0.5 V to +7.0 V
Inputs, Data Out and VB .............................–0.5 V to VCC +0.5 V
Column Input Voltage, VCOL ............................. –0.5 V to +6.0 V
Operating Temperature Range .......................... –40
°C to +85°C
Storage Temperature Range............................ –40
°C to +100°C
Maximum Solder Temperature 0.063" (1.59 mm)
below Seating Plane, t
<5.0 s......................................... 260
°C
Maximum Allowable Power Dissipation
at TA=25°C (1) ...............................................................0.86 W
Note:
1) Maximum allowable dissipation is derived from VCC=5.25 V,
VB=2.4 V, VCOL=3.5 V, 20 LEDs on per character, 20% DF.
Figure 1. Timing Characteristics
DF
T
5T
t
+
()
--------------------
=
TWL
l/fCLOCK
TPLH, TPHL
TTHL
CLOCK
DATA IN
DATA OUT
THOLD
TSETUP
TWH
TON
TOFF
2.4 V
0.4 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
VIH
VIL
VIH
VIL
VIH
VIL
VB
VOH
VOL
DISPLAY
ON (illuminated)
OFF (not illuminated)
90%
10%
Figure 2. Maximum Allowable Power Dissipation
vs. Temperature
AC Electrical Characteristics
(VCC=4.75 to 5.25 V, TA=–40°C to 85°C)
Note:
1) VB Pulse Width Modulation Frequency—50 kHz (max).
Cleaning the Displays
IMPORTANT—Do not use cleaning agents containing alcohol
of any type with this display. The least offensive cleaning solu-
tion is hot D.l. water (60
°C) for less than 15 minutes. Addition
of mild saponifiers is acceptable. Do not use commercial dish-
washer detergents.
For post solder cleaning use water or non-alcohol mixtures
formulated for vapor cleaning processing or non-alcohol mix-
tures formulated for room temperature cleaning. Nonalcohol
vapor cleaning processing for up to two minutes in vapors at
boiling is permissible. For suggested solvents refer to App-
note 19 at www.infineon.com/opto.
Symbol
Description
Min.
Max.(1)
Units
Fig.
TSETUP
Setup Time
50
—
ns
1
THOLD
Hold Time
25
—
ns
1
TWL
Clock Width
Low
75
—
ns
1
TWH
Clock Width
High
75
—
ns
1
F(CLK)
Clock
Frequency
0
5.0
MHz
1
TTHL, TTLH
Clock Transi-
tion Time
—
200
ns
1
TPHL, TPLH
Propagation
Delay Clock to
Data Out
—
125
ns
1
120
100
80
60
40
20
0
-20
-40
-60
0.0
0.2
0.4
0.6
0.8
1.0
Tamb - Ambient Temperature - °C
Socket Thermal
Resistance
Tj(Max) = 100°C
0°C/W
10°C/W
20°C/W
40°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com