Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4677
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 2 Page - Analog Devices

  LTM4677 Datasheet HTML 1Page - Analog Devices LTM4677 Datasheet HTML 2Page - Analog Devices LTM4677 Datasheet HTML 3Page - Analog Devices LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 132 page
background image
LTM4681
2
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Features..................................................... 1
Applications ................................................ 1
Typical Application ........................................ 1
Description.................................................. 1
Table of Contents .......................................... 2
Absolute Maximum Ratings.............................. 4
Order Information.......................................... 4
Pin Configuration .......................................... 4
Electrical Characteristics................................. 5
Typical Performance Characteristics ..................12
Pin Functions ..............................................16
Simplified Block Diagram ...............................24
Decoupling Requirements...............................24
Functional Diagram ......................................25
Test Circuits ...............................................26
Test Circuits ...............................................27
Operation...................................................28
Power Module Introduction ....................................28
Power Module Overview, Major Features................28
EEPROM with ECC..................................................29
Power-Up and Initialization .....................................30
Soft-Start................................................................31
Time-Based Sequencing .........................................31
Voltage-Based Sequencing .....................................32
Shutdown ...............................................................32
Light-Load Current Operation .................................32
Switching Frequency and Phase .............................33
PWM Loop Compensation......................................33
Output Voltage Sensing ..........................................33
INTVCC/VBIAS Power...............................................33
Output Current Sensing and Sub Milliohm DCR
Current Sensing......................................................34
Input Current Sensing.............................................34
PolyPhase Load Sharing.........................................34
Internal Temperature Sense....................................35
RCONFIG (Resistor Configuration) Pins..................35
Table 1. VOUT
n _CFG Pin Strapping Look-Up Table
for the LTM4681’s Output Voltage, Coarse Setting
(Not Applicable if MFR_CONFIG_ALL[6] = 1b) Top
Resistor = 14.3k..................................................36
Table 2. VTRIMn_CFG Pin Strapping Look-Up
Table for the LTM4681’s Output Voltage, Fine
Adjustment Setting (Not Applicable if MFR_
CONFIG_ALL[6] = 1b) Top Resistor = 14.3k........36
Table 3. FSWPH_
nn_CFG Pin Strapping Look-Up
Table to Set the LTM4681’s Switching Frequency
and Channel Phase-Interleaving Angle (Not
Applicable if MFR_CONFIG_ALL[6] = 1b),
nn = 0,1
or 2,3 Channels, set top resistor to 14.3k...........37
Table 4. ASEL_
nn Pin Strapping Look-Up Table
to Set the LTM4681’s Slave Address (Applicable
Regardless of MFR_CONFIG_ALL[6] Setting)....38
Table 5. LTM4681 MFR_ADDRESS Command
Examples Expressed in 7- and 8-Bit Addressing 38
Fault Detection and Handling..................................38
Status Registers and ALERT Masking...................39
Figure 5. LTM4681 Status Register Summary per
Controller............................................................40
Mapping Faults to FAULT
n Pins............................. 41
Power Good Pins.................................................. 41
CRC Protection ..................................................... 41
Serial Interface ....................................................... 41
Communication Protection ................................... 41
Device Addressing.................................................. 41
Responses to VOUT and IIN/IOUT Faults ...................42
Output Overvoltage Fault Response .....................42
Output Undervoltage Response............................43
Peak Output Overcurrent Fault Response .............43
Responses to Timing Faults....................................43
Responses to VIN OV Faults....................................43
Responses to OT/UT Faults.....................................43
Internal Overtemperature Fault Response.............43
Overtemperature and Undertemperature
Fault Response...................................................44
Responses to Input Overcurrent and Output
Undercurrent Faults ................................................44
Responses to External Faults..................................44
Fault Logging..........................................................44
Bus Timeout Protection ..........................................44
Similarity Between PMBus, SMBus and I2C 2-Wire
Interface .................................................................45
PMBus Serial Digital Interface ................................45
Table 6. Abbreviations of Supported Data Formats ... 46
Figure 6. PMBus Timing Diagram.........................46
Figure 7 to Figure 24 PMBus Protocols ..................47
PMBus Command Summary ............................50
PMBus Commands .................................................50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com