Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7813 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7813
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LTC7872
11
Rev. 0
For more information www.analog.com
CLKOUT (Pin 38): Clock Output Pin. Use this pin to syn-
chronize multiple LTC7872 ICs. Signal swing is from V5
to ground.
MODE (Pin 39): Mode Set Pin. Tying this pin to SGND
enables forced continuous mode in buck or boost modes.
Floating this pin results in burst mode in buck mode and
discontinuous mode in boost mode. Tying this pin to V5
enables discontinuous mode in buck or boost modes. The
input impedance of this pin is 90kΩ.
SYNC (Pin 40): Switching Frequency Synchronization
or Spread Spectrum Set Pin. Applying an external clock
between 60kHz to 750kHz to this pin causes the switch-
ing frequency to synchronize to the clock signal. If SYNC
is low, a resistor from the FREQ pin to SGND sets the
switching frequency. Tying this pin to V5 allows switching
frequency spread spectrum. This pin has a 100kΩ internal
resistor to ground.
FREQ (Pin 41): Frequency Set Pin. A resistor between
this pin and SGND sets the switching frequency. This pin
sources 20µA current.
BUCK (Pin 42): The voltage on this pin determines if the
IC is regulating the VLOW or VHIGH voltage/current. Float
or tie this pin to V5 for buck mode operation. Ground this
pin for boost mode operation.
CSB, SDO, SDI, SCLK (Pins 27, 28, 29, 30): 4-Wire Serial
Peripheral Interface (SPI). Active low chip select (CSB),
serial clock (SCLK) and serial data in (SDI) are digital
Inputs. Serial data out (SDO) is an open-drain NMOS out-
put pin. SDO requires an external pull-up resistor. Refer
to the Serial Port section for more details.
EXTVCC (Pin 31): External Power Input to an Internal LDO
Connected to DRVCC. This LDO supplies DRVCC power,
bypassing the internal LDO powered from VHIGH, when-
ever EXTVCC is higher than its switchover threshold. Do
not exceed 60V on this pin.
DRVSET (Pin 32): The voltage setting on this pin pro-
grams the DRVCC output voltage. There are two internal
resistors, 200kΩ and 160kΩ, connecting this pin to the
V5 and SGND, respectively.
DRVCC (Pin 34): Gate Driver Current Supply LDO Output.
The voltage on this pin can be set to 5V, 8V, or 10V by
the DRVSET pin. Bypass this pin to ground plane with a
minimum of 4.7μF low ESR tantalum or ceramic capacitor.
NC (Pin 35): No Connect Pin.
VHIGH (Pin 36): Main VHIGH Supply. Bypass this pin to
ground with a capacitor (0.1μF to 1μF).
ILIM (Pin 37): Current Comparator Sense Voltage Limit
Selection Pin. The input impedance of this pin is 100kΩ.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com