Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ15005 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # KBJ15005
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBJ15005 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  KBJ15005 Datasheet HTML 1Page - First Silicon Co., Ltd KBJ15005 Datasheet HTML 2Page - First Silicon Co., Ltd KBJ15005 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 04 15
2/3
Revision No : 0
KBJ15005 ~ KBJ1510
2 / 4
■
Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT KBJ15005
KBJ1501
KBJ1502
KBJ1504
KBJ1506
KBJ1508
KBJ1510
Thermal
Resistance
Between junction
and ambient,
Without heatsink
RθJ-A
℃
/W
25.0
Between
junction and
case, With
heatsink
RθJ-C
2 3
■
Ordering Information (Example)
PREFERED P/N
PACKAGE CODE UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
KBJ15005~KBJ1510
B1
Approximate 4.27
20
1000
2000
Tube
■
Characteristics(Typical)
0
3
6
9
12
15
50
100
sine wave R-load
with heatsink
C
T
(°C)
FIG1: Io-Tc Curve
150
18
21
1
0
2
5
10
20
50
100
Half sine wave
non-repetitive
Tj=25℃
FIG2 Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8 3ms
100
200
300
0
20
40
60
80
100
0.01
0.1
1
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
Instantaneous Forward Voltage (V)
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com