Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3AB Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # S3AB
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

S3AB Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  S3AB Datasheet HTML 1Page - First Silicon Co., Ltd S3AB Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG.1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
2.0
0
1.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR NDUCTIVE LOAD
3.0
1.5
0.5
2.5
LEAD TEMPERATURE ,
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
100
Pulse Width 8 3ms
Single Half-Sine-Wave
(JEDEC METHOD)
60
80
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
10
0.01
TJ = 25℃
PULSEWIDTH:300us
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.1
1.0
10
1000
100
0.01
TJ = 25℃
TJ = 125℃
10
100
1000
1
10
FIG.5 - NON-REPETITIVE SURGE CURRENT
tp, (ms)
Sine Wave
_____
Square Wave - - - - - -
TJ = 125 ℃
TJ = 25 ℃
1
2
5
10
20
50
100
80
100
60
(℃)
S3AB ~ S3MB
2018. 10. 04
2/2
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com