Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXR-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2EXR-R
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXR-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2EXR-R Datasheet HTML 1Page - M-System Co.,Ltd. M2EXR-R Datasheet HTML 2Page - M-System Co.,Ltd. M2EXR-R Datasheet HTML 3Page - M-System Co.,Ltd. M2EXR-R Datasheet HTML 4Page - M-System Co.,Ltd. M2EXR-R Datasheet HTML 5Page - M-System Co.,Ltd. M2EXR-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M2EXR
M2EXR SPECIFICATIONS
ES-5144 Rev.3 Page 5/6
http://www.m-system.co.jp/
PARAMETER LIST
It is available to con gure or con rm settings shown below by using front button. Con guring or con rming with PC is available when
using M2E con gurator software (model: M2ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Basic setting
01
Lockout setting
Lock / Unlock
—
Lock
11
Input range
JPt 100 (JIS’89)
Pt 100 (JIS’89)
Pt 100 (JIS’97, IEC)
Pt 50 Ω (JIS’81)
Ni 508.4 Ω
Pt 1000
Ni 100
Cu 10 @ 25°C
—
Pt 100 (JIS’97, IEC)
12
0 % input setting
JPt 100 (JIS’89) : -200.00 – 480.00
Pt 100 (JIS’89) : -200.00 – 630.00
Pt 100 (JIS’97, IEC) : -200.00 – 830.00
Pt 50 Ω (JIS’81) : -200.00 – 629.00
Ni 508.4 Ω : -50.00 – 180.00
Pt 1000 : -200.00 – 830.00
Ni 100 : -50.00 – 180.00
Cu 10 @ 25°C : -50.00 – 230.00
°C
0.0
13
100 % input setting
JPt 100 (JIS’89) : -180.00 – 500.00
Pt 100 (JIS’89) : -180.00 – 650.00
Pt 100 (JIS’97, IEC) : -180.00 – 850.00
Pt 50 Ω (JIS’81) : -180.00 – 649.00
Ni 508.4 Ω : -30.00 – 200.00
Pt 1000 : -180.00 – 850.00
Ni 100 : -30.00 – 200.00
Cu 10 @ 25°C : -30.00 – 250.00
°C
100.0
16
Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
17
Output range
0 – 20 mA, -5 – +5 V, -10 – +10 V
—
0 – 20 mA
18
0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
19
100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
20
0 % output scaling
-99999 – 999999
—
0.00
21
100 % output scaling
-99999 – 999999
—
100.00
22
Output decimal point
No decimal point
The number of decimal places : 1 – 5
—
2 places of decimals
26
Loop test
-10.00 – 110.00
%
Cancel
Option
51
Burnout
None / Down / Up
—
Up
52
Sensor wires
2 Wires / 3 Wires
—
3 Wires
53
Wire resistance
0.00 – 100.00
Ω
0.00
61
Unit (OUT Scaling)
Choose from 68 types*
—
%
64
Temperature unit
°C / °F / K
—
°C
67
Filter time constant
0 – 30
sec.
0
69
Input Zero ne adjust
-10.00 – 10.00
°C
0.00
70
Input Span ne adjust
-10.00 – 10.00
°C
0.00
71
Output Zero ne adjust
-5.000 – 5.000
%
0.000
72
Output Span ne adjust
95.000 – 105.000
%
100.000
01
Lockout setting
Lock / Unlock
—
Lock
Advanced
90
Display setting
Upper: choose from 5 types*
Lower: choose from 6 types*
—
Upper: INPUT
Lower: PERCENT
91
Brightness
1 (darkest) – 4 (brightest)
—
4
92
Display timeout
0 (always on), 1 – 60
min.
10
93
Reset all settings
OFF / RESET
—
OFF
94
Version indication
—
—
—
01
Lockout setting
Lock / Unlock
—
Lock
* For detailed types, refer to the operating manual (EM-5144 -B).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com