Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXDY-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2EXDY-R
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXDY-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2EXDY-R Datasheet HTML 1Page - M-System Co.,Ltd. M2EXDY-R Datasheet HTML 2Page - M-System Co.,Ltd. M2EXDY-R Datasheet HTML 3Page - M-System Co.,Ltd. M2EXDY-R Datasheet HTML 4Page - M-System Co.,Ltd. M2EXDY-R Datasheet HTML 5Page - M-System Co.,Ltd. M2EXDY-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2EXDY
M2EXDY SPECIFICATIONS
ES-5170 Rev.1 Page 3/6
http://www.m-system.co.jp/
PERFORMANCE
Accuracy: Input accuracy + output accuracy
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Inversely proportional to the setting span.
Except the accuracy of input resistor.
Input accuracy: (% of max. input range)
Input accuracy differs depending on the linearization type.
Linear: ±(0.04 % of FS)
Square root extraction (1 % or more of input): ±(0.1 % of
FS)
Segment linearization:
±(0.04 % of FS) [gain ≤ 1]
±(0.04 % x gain of FS) [gain > 1]
Display accuracy:
Input display: Input accuracy ±1 digit
Output display: Input accuracy + output accuracy ±1 digit
Output accuracy: ±0.04 % of max. output range
Temp. coefficient (% of max. I/O range): ±0.015 %/°C
(±0.008 %/°F)
Response time (filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Range: 0 – 20 mA, Input Setting: 4 – 20 mA,
Output Range: 0 – 20 mA, Output Setting: 4 – 20 mA (when
the linearization type is linear)
■ Overall accuracy
• Input Accuracy = Input Range Span (20 mA) ÷ Input Span
Setting (16 mA) × 0.04 % = 0.05 %
• Output Accuracy = Output Range Span (20 mA) ÷ Output
Span Setting (16 mA) × 0.04 % = 0.05 %
Overall Accuracy = 0.05 + 0.05 = ±0.10 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com