Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXDY-P Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2EXDY-P
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXDY-P Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2EXDY-P Datasheet HTML 1Page - M-System Co.,Ltd. M2EXDY-P Datasheet HTML 2Page - M-System Co.,Ltd. M2EXDY-P Datasheet HTML 3Page - M-System Co.,Ltd. M2EXDY-P Datasheet HTML 4Page - M-System Co.,Ltd. M2EXDY-P Datasheet HTML 5Page - M-System Co.,Ltd. M2EXDY-P Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M2EXDY
M2EXDY SPECIFICATIONS
ES-5170 Rev.1 Page 2/6
http://www.m-system.co.jp/
RS-232-C level
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow
Display life: Approx. 60000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position: Selectable
SUPPLY OUTPUT
■ SUPPLY OUTPUT (across the terminals 1 – 2)
Output voltage: 24 – 28 V DC with no load
19 V DC minimum at 20 mA
Current rating: ≤ 22 mA DC
Permissible load resistance:
LR (Ω) ≤ (19 – Min. Operational Voltage)V ÷ 0.02 A
• Shortcircuit Protection
Current limited: 35 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current
Input resistance: Incorporated (250 Ω)
Input range: 0 - 20 mA DC
Minimum span: 1 mA DC
The measurement available for -7.5 - +107.5% of input
setting range.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 21.5 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V max.
(Not available to output less than 0 mA, output range may
not be extended to -7.5 %)
■ DC Voltage
Output range: -5 - +5 V DC, -10 - +10 V DC
Conformance range: -5.75 - +5.75 V DC, -11.5 - +11.5 V DC
Minimum span: 250 mV, 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
LINEARIZATION
■ Linearization Types
Linear: Proportional to the input
Square root: The input is square root extracted.
User's table: Segment linearization
Calibration points: Max. 128 points; the input % and
linearized value in scaling are specified in pairs.
Selectable range: -7.5 to +107.5 % as input %; -7.5 to
+107.5 % as output)
■ Low-end Cutout:Low-end cutout (Low Cut) point
selectable within the range of 0 to 100 %.
With linear or segment linearization,
the output signal is forcibly set to 0 % for the input lower
than the low-cut point. With the square root extraction, the
output signal is linear to the input when the latter is lower
than the low-cut point.
input percent
• Linear or User Table
• Square Root
0
Low-end cutout
point
input percent
0
Low-end cutout
point
0.2%
0.2%
INSTALLATION
Power Consumption
•AC:
≤ 7 VA at 100 V
≤ 10 VA at 200 V
≤ 12 VA at 264 V
•DC: ≤ 4 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: Approx. 200 g (0.44 lb)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com