Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EAXV-3-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2EAXV-3-R
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXV-3-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2EAXV-3-R Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXV-3-R Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXV-3-R Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXV-3-R Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXV-3-R Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXV-3-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M2EAXV
M2EAXV SPECIFICATIONS
ES-5146 Rev.1 Page 4/6
http://www.m-system.co.jp/
PARAMETER LIST
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Basic setting
01
Lockout setting
Lock / Unlock
—
Lock
10
Input range
0 – 50 mA
-1000 – +1000 mV
-10 – +10 V
—
0 – 50 mA
12
0 % input setting
0.00 – 48.00
-1000.0 – 900.0
-10.000 – 9.000
mA
mV
V
4.00
13
100 % input setting
2.00 – 50.00
-900.0 – 1000.0
-9.000 – 10.000
mA
mV
V
20.00
14
0 % input scaling
-99999 – 999999
—
0.00
15
100 % input scaling
-99999 – 999999
—
100.00
16
Input decimal point
No decimal point
The number of decimal places : 1 – 5
—
2 places of decimals
17
Unit (INP Scaling)
Choose from 68 types
*
—
%
30
L1 alarm enable
Disable / Enable
—
Enable
31
L1 alarm setpoint
-99999 – 999999
*
—
20.00
32
L1 trip action
High / Low
—
Low
33
L1 deadband
0 – 999999*
—
0.01
34
L1 coil at alarm
Energized / De-energized
—
Energized
40
L2 alarm enable
Disable / Enable
—
Enable
41
L2 alarm setpoint
-99999 – 999999*
—
80.00 (2 points alarm)
30.00 (4 points alarm)
42
L2 trip action
High / Low
—
High (2 points alarm)
Low (4 points alarm)
43
L2 deadband
0 – 999999
*
—
0.01
44
L2 coil at alarm
Energized / De-energized
—
Energized
50
L3 alarm enable
Disable / Enable
—
Enable
51
L3 alarm setpoint
-99999 – 999999*
—
70.00
52
L3 trip action
High / Low
—
High
53
L3 deadband
0 – 999999
*
—
0.01
54
L3 coil at alarm
Energized / De-energized
—
Energized
60
L4 alarm enable
Disable / Enable
—
Enable
61
L4 alarm setpoint
-99999 – 999999
*
—
80.00
62
L4 trip action
High / Low
—
High
63
L4 deadband
0 – 999999
*
—
0.01
64
L4 coil at alarm
Energized / De-energized
—
Energized
70
Alarm ON-delay time
0 – 999
sec.
0
71
Power ON-delay time
0 – 999
sec.
5
72
Latching alarm
Disable / Enable
—
Disable
89
Alarm test
—
—
Cancel
Option
79
Filter time constant
0 – 30
sec.
0
80
Input Zero ne adjust
-5.000 – 5.000
%
0.000
81
Input Span ne adjust
95.000 – 105.000
%
100.000
01
Lockout setting
Lock / Unlock
—
Lock
Advanced
91
Display setting
Upper: choose from 3 types
*
Lower: choose from 5 types*
—
Upper: INPUT (Scaling)
Lower: ALARM
92
Brightness
1 (darkest) – 4 (brightest)
—
4
93
Display timeout
0 (always on), 1 – 60
min.
10
94
Reset all settings
OFF / RESET
—
OFF
95
Version indication
—
—
—
01
Lockout setting
Lock / Unlock
—
Lock
* For detailed setting, refer to the operating manual (EM-5146-B).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com