Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EAXT-3M2/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M2EAXT-3M2/Q
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXT-3M2/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M2EAXT-3M2/Q Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 7Page - M-System Co.,Ltd. M2EAXT-3M2/Q Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: M2EAXT
M2EAXT SPECIFICATIONS
ES-5152 Rev.2 Page 6/8
http://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Basic setting
60
L4 alarm enable
Disable / Enable
—
Enable
61
L4 alarm setpoint
-99999 – 999999*
—
800.0
62
L4 trip action
High / Low
—
High
63
L4 deadband
0 – 999999
*
—
1.0
64
L4 coil at alarm
Energized / De-energized
—
Energized
70
Alarm ON-delay time
0 – 999
sec.
0
71
Power ON-delay time
0 – 999
sec.
5
72
Latching alarm
Disable / Enable
—
Disable
89
Alarm test
—
—
Cancel
Option
74
Burnout
None / Down / Up
—
Up
77
Cold junction compensation
CJM / FXD TEMP
—
CJM
78
Preset xed terminal tem-
perature
-50.00 – 100.00
*
°C
0.00
79
Filter time constant
0 – 30
sec.
0
80
Input Zero ne adjust
-10.00 – 10.00
*
°C
0.00
81
Input Span ne adjust
-10.00 – 10.00*
°C
0.00
01
Lockout setting
Lock / Unlock
—
Lock
Advanced
91
Display setting
Upper: choose from 3 types
*
Lower: choose from 5 types*
—
Upper: INPUT
Lower: ALARM
92
Brightness
1 (darkest) – 4 (brightest)
—
4
93
Display timeout
0 (always on), 1 – 60
min.
10
94
Reset all settings
OFF / RESET
—
OFF
95
Version indication
—
—
—
01
Lockout setting
Lock / Unlock
—
Lock
* For detailed setting, refer to the operating manual (EM-5152-B).
EXTERNAL DIMENSIONS unit: mm (inch)
29 (1.14)
94 (3.70)
8
(.31)
124 (4.88)
22 (.87)
6 (.23)
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
DIN RAIL
35mm wide
[4 (.16)]
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com