Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2AVS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2AVS
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2AVS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2AVS Datasheet HTML 1Page - M-System Co.,Ltd. M2AVS Datasheet HTML 2Page - M-System Co.,Ltd. M2AVS Datasheet HTML 3Page - M-System Co.,Ltd. M2AVS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M2AVS
M2AVS SPECIFICATIONS
ES-5041 Rev.11 Page 2/4
http://www.m-system.co.jp/
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Setpoint adjustments: Multi-turn screwdriver adjustments
(front); 0 – 100 % independently
Monitor jacks: Output 0 – 1 V for 0 – 100 % setpoints
Hysteresis (deadband): ≤ 0.5 %
Front LEDs
Output 1: Red LED turns on when the coil is energized.
Output 2: Green LED turns on when the coil is energized.
Power ON timer: Relays de-energized for approx. 1 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
(-30 – +30 V for the input code 01. Span 30 V max.)
Minimum span: 3 mV
Offset: Max. 1.5 times span
•Input resistance
Span 3 – 10 mV : ≥ 10 kΩ
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Relay Contact:
120 V AC @0.5 A (cos ø = 1)
240 V AC @0.5 A (cos ø = 1)
30 V DC @0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 120 V DC
Maximum switching power: 120 VA or 15 W (≤ 0.5 A)
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
■ Photo MOSFET Relay
Maximum switching voltage: 30 V AC or 50 V DC
Maximum switching current: 0.5 A
ON resistance: ≤ 2 kΩ
Leakage current at OFF: ≤ 10 μA
For maximum relay life with inductive loads, external
protection is recommended.
Alarm Trip Operation
Terminal No. in parentheses
Trip Operation in Power Failure: Both relays turn off.
0
50
100
v
Input
(%)
Output 2
Setpoint
v
Output 1
Setpoint
Output 1
(5-8)ON/Lo
Output 2
(9-12)ON/Lo
(9-12)ON/Hi
(5-8)ON/Hi
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Setpoint monitor accuracy: ±0.5 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output 1
to output 2 to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com