Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18AT-04-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18AT-04-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18AT-04-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18AT-04-R Datasheet HTML 1Page - M-System Co.,Ltd. 18AT-04-R Datasheet HTML 2Page - M-System Co.,Ltd. 18AT-04-R Datasheet HTML 3Page - M-System Co.,Ltd. 18AT-04-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 18AT
18AT SPECIFICATIONS
ES-1762 Rev.5 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Comparator
OUTPUT
5
SETPOINT ADJ.
POWER
HI / LO
Output
*
Ry
8
H
COM
6
7 L
■ SINGLE ALARM
* Relay status is determined by output codes.
**Deleted with B thermocouple
Comparator
LO OUTPUT
5
SETPOINT ADJ.
POWER
Ry
8
6
7
■ DUAL ALARM
*
*
**
**
Comparator
SETPOINT ADJ.
Ry
HI OUTPUT
Low Drift
Amplifier
4
Burnout
Protection
+
–
T / C
CJC
SENSOR
metal leg
comp. leadwire
1
2
+
–
CJC Sensing
Volt. Generator
red
red
black
3
4
Low Drift
Amplifier
Burnout
Protection
+
T / C
CJC
SENSOR
metal leg
1
2
+
black
3
–
comp. leadwire
–
CJC Sensing
Volt. Generator
model: CJM
model: CJM
LOAD
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
•DC Powered
LOAD
Inductive
Load (Coil)
Diode, Varistor or
CR Circuit
■ Relay Protection
•AC Powered
U
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com