Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18AT-35-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18AT-35-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18AT-35-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18AT-35-R Datasheet HTML 1Page - M-System Co.,Ltd. 18AT-35-R Datasheet HTML 2Page - M-System Co.,Ltd. 18AT-35-R Datasheet HTML 3Page - M-System Co.,Ltd. 18AT-35-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 18AT
18AT SPECIFICATIONS
ES-1762 Rev.5 Page 2/4
http://www.m-system.co.jp/
S: Min. Span 380°C, 690°F
N: Min. Span 110°C, 200°F
OUTPUT SPECIFICATIONS
Output: Enclosed SPST and SPDT relays
Rating: 120 V AC @ 1 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
0.2 A maximum for the connector output
Maximum switching voltage: 120 V AC or 30 V DC
Max. switching power: 120 VA or 30 W (24 VA or 6 W for the
connector output)
Minimum load: 5 V DC @ 10m A
Mechanical life: 5 × 107 cycles
5 – 6
5 – 7
F
F
O
N
O
d
e
z
i
g
r
e
n
E
De-energized (or power OFF)
OFF
ON
ALARM
OUTPUT
CODE
POWER ON
POWER OFF
IN < SET
IN > SET
1
OFF
ON
OFF
2
OFF
ON
ON
3
ON
OFF
OFF
4
ON
OFF
ON
• Single Alarm
Front terminals
Rear connector
ALARM
OUTPUT
CODE
POWER ON
POWER OFF
IN < SET
IN > SET
5 – 6
7 – 8
5 – 6
7 – 8
5 – 6
7 – 8
5
ON
OFF
OFF
ON
OFF
OFF
6
OFF
ON
ON
OFF
OFF
OFF
Shades indicates that the relay is energized.
• Dual Alarm (front terminals)
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18BXx or 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Trip point repeatability: ±0.1 %
Cold junction compensation error
(at 20°C ±10°C or 68°F ±18°F)
K, E, J, T, N: ±0.5°C or ±0.9°F
S, R, PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power)
500 V AC @ 1 minute (output to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com