Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC1623
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC1623 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC1623 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC1623 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC1623 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC1623 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
90
200
600
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.15
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
0.86
1.0
V
Transition frequency
fT
VCE=6V, IE= 10mA
250
MHz
Output capacitance
Cob
VCB=6V, IE= 0,f=1.0MHz
3.0
MHz
CLASSIFICATION OF hFE(1)
Rank
L4
L5
L6
L7
Range
90-180
135-270
200-400
300-600
Marking
L4
L5
L6
L7
2SC1623
Rev 2.0 :
www.leiditech.com
12.01.2019
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com