Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM6550T-R47M-HZ Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM6550T-R47M-HZ
Description  SMD / SMT Inductors (Coils)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM6550T-R47M-HZ Datasheet(HTML) 2 Page - TDK Electronics

  SPM6550T-R47M-HZ Datasheet HTML 1Page - TDK Electronics SPM6550T-R47M-HZ Datasheet HTML 2Page - TDK Electronics SPM6550T-R47M-HZ Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD / SMT Inductors (Coils)
2 of 3
Creation Date : March 24, 2021 (GMT)
SPM6550T-R47M-HZ
RoHS Reach Halogen Free Pb Free
Characteristic Graphs(This is reference data, and does not guarantee the products characteristics.)
Impedance
SPM6550T-R47M-HZ
Rac
SPM6550T-R47M-HZ
Inductance
SPM6550T-R47M-HZ
Q
SPM6550T-R47M-HZ
DC Bias Characteristic
SPM6550T-R47M-HZ (Amb. Temp. = 20 °C)
Temperature Rise by DC
SPM6550T-R47M-HZ (Amb. Temp. = 20 °C)
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com