Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BC856A
Description  Low current.(max.100mA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BC856A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BC856A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BC856A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BC856A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BC856A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Low current.(max.100mA)
Low voltage.(max.65v)
APPLICATIONS
General purpose switching and amplification.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BC856A/B
3A/3B
SOT-23
BC857A/B/C
3E/3F/3G
SOT-23
BC858A/B/C
3J/3K/3L
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BC856
BC857
BC858
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
BC856
BC857
BC858
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.1
A
PC
Collector Dissipation
250
mW
Tj,Tstg
Junction and Storage Temperature
-65~150
℃
BC856A
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - BC856A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC856A TRSYS-BC856A Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC856A SIEMENS-BC856A Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC856A FAIRCHILD-BC856A Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC856A DIODES-BC856A Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC856A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
SHENZHEN YONGERJIA INDU...
BCW31 WINNERJOIN-BCW31 Datasheet
77Kb / 1P
Low current(100mA)
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com