Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAV99LT3G Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LBAV99LT3G
Description  We declare that the material of product compliance with RoHS requirements and Halogen Free.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LBAV99LT3G Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LBAV99LT3G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LBAV99LT3G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LBAV99LT3G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LBAV99LT3G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6.ELRCTRICAL CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
0.5
1
1.5
VF, Forward Voltage(V)
150℃
25℃
-55℃
85℃
0.001
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
VR, Reverse Voltage(V)
150℃
25℃
-55℃
85℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
VR, Reverse Voltage(V)
f=1MHz
Reverse Characteristics
Capacitor Characteristics
Forward Characteristics
LBAV99LT1G
S-LBAV99LT1G
Rev : 01.06.2014
3/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com