Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE2003 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE2003
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE2003 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE2003 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2003 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P-CH Electrical Characteristics (TA=25℃unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.4
-0.7
-1
V
VGS=-4.5V, ID=-2.5 A
-
78
110
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2A
-
102
140
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-2.5A
-
9.5
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
325
-
PF
Output Capacitance
Coss
-
63
-
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
-
37
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
11
-
nS
Turn-on Rise Time
tr
-
5.5
-
nS
Turn-Off Delay Time
td(off)
-
22
-
nS
Turn-Off Fall Time
tf
VDD=-10V, RL=5Ω
VGS=-4.5V,RGEN=3Ω
-
8
-
nS
Total Gate Charge
Qg
-
3.2
-
nC
Gate-Source Charge
Qgs
-
0.6
-
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-2A,
VGS=-4.5V
-
0.9
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-3A
-
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-3
A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production
LCE2003
Rev :
www.leiditech.com
01.06.2014
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com