Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF65 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SF65
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SF65 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SF65 Datasheet HTML 1Page - First Silicon Co., Ltd SF65 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICO NDUCTOR
TECHNICAL DATA
SF61 ~ SF69
2013.04.29
1/2
Revision No 0
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Reverse Voltage 50 to 800 Volts Forward Current 6.0 Amperes
Features
●
Glass passivated junction dice
●
Low forward voltage drop
●
High current capability
●
Low reverse leakage
●
High surge current capability
●
High reliablity
●
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Mechanical Data
●
Case: DO-201AD(DO-27) molded plastic body
●
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.014 ounce, 0.39 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL SF61 SF62 SF63 SF64
SF65
SF66
SF68
SF69
UNITS
Maximum repetitive peak reverse voltage
V RRM
50
100
150
200
300
400
600
800
V
Maximum RMS voltage
V RMS
35
70
105
140
210
280
420
560
V
Maximum DC blocking voltage
V DC
50
100
150
200
300
400
600
800
V
Average Rectified Output Current
0.375″ (9.5mm) lead length
I o
0
.
6
A
Peak forward surge current, 8.3 mS single
half sine-wave superimposed on rated load
I FSM
0
8
1
A
Maximum instantaneous forward voltage at I
o
V F
0.95
1.3
1.7
2.2
V
Maximum DC reverse current
@ TJ = 25℃
at rated DC blocking voltage
@ TJ =100℃
I R
5
100
μA
Maximum reverse recovery time (Note 1)
rr
5
3
nS
Typical junction capacitance (Note 2)
j
0
0
1
pF
Operating junction temperature range
T
J
0
5
1
+
o
t
5
5
-
℃
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
STG
0
5
1
+
o
t
5
5
-
℃
Notes:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
t
T


Similar Part No. - SF65

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF65 WTE-SF65 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF65 JGD-SF65 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF65 BYTES-SF65 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF65 FORMOSA-SF65 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF65 TSC-SF65 Datasheet
70Kb / 2P
6.0 AMPS. Super Fast Rectifiers
More results

Similar Description - SF65

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16D01C YENYO-SF16D01C Datasheet
829Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com