Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL24 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SL24
Description  VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SL24 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SL24 Datasheet HTML 1Page - First Silicon Co., Ltd SL24 Datasheet HTML 2Page - First Silicon Co., Ltd SL24 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL22 THRU SL24
VOLTAGE 20V ~ 40V
2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine- wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A (Note 1)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
2.0
50
3.0
150
75
- 55
+125
- 55
+150
A
A
V
mA
mA
Typical Thermal Resistance RJA (Note 2)
0.385
0.400
NOTES
1. Pulse test with PW=300us, 1% Duty Cycle
2. Thermal Resistance Junction to Ambient.
Measured on P.C. Board with 5 x 5 mm copper pad areas.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V- 0 rate flame retardant
*
* Weight: 0.093 grams
FEATURES
* For surface mount applications
* Epitaxial construction
* Very low forward voltage drop
* For use in low voltage, high frequency inverter,
free wheeling
C
C
C/ W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
20
20
14
V
V
SL22
UNITS
DO- 214AA
SMB
Cathode
Anode
Polarity: Color band denotes cathode end
SEMICONDUCTOR
TECHNICAL DATA
SL22 ~ SL24
2009. 12. 01
1/3
Revision No : 0
SL23
SL24
30
40
21
28
30
40
0.385


Similar Part No. - SL24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL24 PANJIT-SL24 Datasheet
53Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SL24 TRSYS-SL24 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SL24 SEMTECH-SL24 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Formosa MS
SL24 FORMOSA-SL24 Datasheet
67Kb / 2P
Silicon epitaxial planer type
logo
Micro Commercial Compon...
SL24 MCC-SL24 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
More results

Similar Description - SL24

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
First Silicon Co., Ltd
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SK27 FS-SK27 Datasheet
271Kb / 3P
VOLTAGE 70V ~ 100V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SS22A FS-SS22A Datasheet
186Kb / 2P
VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SSL22A FS-SSL22A Datasheet
299Kb / 3P
VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com