Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SL35A
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SL35A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SL35A Datasheet HTML 1Page - First Silicon Co., Ltd SL35A Datasheet HTML 2Page - First Silicon Co., Ltd SL35A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
SL32A ~ SL310A
2013. 05. 28
1/3
Revision No : 0
Surface Mount Schottky Barrier Rectifier
FEATURES
•
Ideal for automated placement
•
Low forward voltage drop
•
Low leakage current
•
Meets environmental standard MIL-S-19500D
•
Moisture sensitivity:level 1, per J-STD-020
•
Solder dip 275 °C, 10 s
•
Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
MECHANICAL DATA
Case: DO-214AC, molded epoxy body
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity: Laser Band Denotes Cathode Band
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32A
SL33A
SL34A
SL35A
SL36A
SL37A
SL38A
SL39A
SL310
A
UNIT
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum average forward
rectified current at
SL32A thru SL34A
TL= 90 °C
SL35A thru SL36A
TL= 110 °C
SL37A thru SL310ATL= 120 °C
IF(AV)
A
3
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
A
0
8
Operating junction temperature
range
TJ
- 55 to + 125
- 55 to + 150
- 55 to + 175
°C
C
°
5
7
1
+
o
t
5
5
-
0
5
1
+
o
t
5
5
-
g
t
s
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
PRIMARY CHARACTERISTICS
IF(AV)
3 A
VRRM
20 V to 100 V
IFSM
80A
VF
0.42V
0.5V
0.75V
TJ max.
125 °C
150 °C
175 °C
DO-214AC SMA


Similar Part No. - SL35A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL35A GOOD-ARK-SL35A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL35A BILIN-SL35A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SL35A CHENDA-SL35A Datasheet
242Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL35A CHENDA-SL35A Datasheet
817Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results

Similar Description - SL35A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com