Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SL35C
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SL35C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SL35C Datasheet HTML 1Page - First Silicon Co., Ltd SL35C Datasheet HTML 2Page - First Silicon Co., Ltd SL35C Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2012. 12. 01
2/3
Revision No : 0
SL32C ~ SL310C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL SL32C SL33C SL34C SL35C SL36C SL37C SL38C SL39C SL310
C
UNIT
Maximum
instantaneous
forward voltage
IF=3 A
VF
V
5
7
.
0
5
.
0
2
4
.
0
Maximum DC
reverse current at
rated DC blocking
voltage
TA=25
IR
5
0
.
0
2
.
0
mA
TA=100
4
0
5
Typical junction
capacitance
4.0 V, 1 MHz
CJ
F
p
0
2
2
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32C
SL33C
SL34C
SL35C
SL36C
SL37C
SL38C
SL39C
SL310C
UNIT
Maximum thermal
resistance
RθJA (1)
5
7
2
5
°C/W
RθJT (2)
5
2
7
1
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
Notes
: (1) Thermal resistance from junction to ambient,0.315 0.315 8.0 8.0mm copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.315 0.315
8.0 8.0mm copper pads to each terminal
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 2.Maximum Non-repetitive Peak Forward Surge
Current
Figure 1. Forward Current Derating Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com