Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM545AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SM545AF
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM545AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SM545AF Datasheet HTML 1Page - First Silicon Co., Ltd SM545AF Datasheet HTML 2Page - First Silicon Co., Ltd SM545AF Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 4. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
SM520AF ~ SM5100AF
Revision No : 0
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case: JEDEC SMA-FL
molded plastic over glass die
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0327 g
We declare that the material of product is
Handling precautin:None
Haloggen free (green epoxy compound)
1.Electrical Characteristic
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
SMA-FL
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SM520
AF
SM530
AF
SM540
AF
SM545
AF
SM550
AF
SM560
AF
SM580
AF
SM5100
AF
Unit
device marking code
S52
S53
S54
S545
S55
S56
S58
S510
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
100
V
Maximum RSM voltage
VRSM
14
21
28
31.5
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
100
V
Maximum average forward rectified current
lead length (See fig. 1) at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
R
θJA
R
θJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SM520
AF
SM530
AF
SM540
AF
SM545
AF
SM550
AF
SM560
AF
SM580
AF
SM5100
AF
Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
110
5.0
120
150
25
–40 to +150
0.50
0.70
0.85
0.5
30.0


Similar Part No. - SM545AF

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
More results

Similar Description - SM545AF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM120A LRC-SM120A Datasheet
174Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com