Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM15 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # WM15
Description  Power analyzer for three-phase systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM15 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  WM15 Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Carlo Gavazzi Controls S.p.A.
WM15
WM15 DS ENG
26/01/2021
• Measure active and reactive energy
• Measure apparent energy
• Measure load operating hours
• Transmit data to other systems via Modbus RTU
• Manage a digital output for pulses or alarm transmission
• Visualize measured variables on display and current consumption via bar graph
Main features
• System and phase variables (V L-L, V L-N, A, W/var, VA, PF, Hz)
• Current and power (kW/kVA) demand calculation
• Simplified 4 push buttons user interface
• Optical port for easy configuration and diagnostic via OptoProg
• Digital output for pulse transmission or alarm
• Optional RS485 Modbus RTU (100 ms data refresh)
• Continuous sampling of each voltage and current
• Backlit matrix LCD display
• MID certified version
• cULus approved (UL 61010)
• Compliant with IEC/EN61557-12 performance requirements (active power and active energy)
UCS software and UCS Mobile application
• Free download: UCS desktop from Carlo Gavazzi website, UCS Mobile from Google Play Store
• Configuration via OptoProg (via Bluetooth) or RS485 from PC (via UCS desktop) or Android mobile device (via UCS
Mobile)
• Setups can be saved offline for serial programming with a single command
• Real time data view for testing and diagnostics
• Notification of possible wiring errors and display of the corrective steps, reassignment of the correct association of the
phases or the direction of the currents via software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com